specification model PLD-25-1400 pld-25-1050 pld-25-700 pld-25-350 rated current current range operating voltage range rated power output setup time frequency range power factor (typ.) efficiency (typ.) ac current (typ.) input inrush current(max.) leakage current working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing short circuit over temperature 1400ma 1050ma 700ma 350ma 0 ~ 1400ma 0 ~ 1050ma 0 ~ 700ma 0 ~ 350ma 25.2w 25.2w 25.2w 20.3w 2vp-p 2.2vp-p 2.7vp-p 4.6vp-p 63v 50v 35v 25v 1500ms / 230vac 3000ms / 115vac at full load 47 ~ 63hz pf>0.98/115vac, pf>0.92/230vac, pf>0.91/277vac at full load (pl ease refer to "power factor characteristic" curve) 84% 85% 86% 85% 0.6a/115vac 0.3a/230vac 40a/230vac <0.5ma / 240vac hiccup mode, recovers automatically after fault condition is remove d. -30 ~ +60 (refer to "derating curve") 20 ~ 95% rh non-condensing -40 ~ +80 , 10 ~ 95% rh 0.03%/ (0 ~ 50 ) 10 ~ 500hz, 2g 12min./1cycle, period for 72min. each along x, y, z axes 968.6khrs min. mil-hdbk-217f (25 ) 84*57*29.5mm (l*w*h) 0.19kg; 72pcs/14.7kg/0.75cuft 25w single output led power supply features : p l d - 2 5 s e r i e s ripple & noise (max.) note.1 environment safety & emc protection 95 10 (rth1) protection type : shut down o/p voltage, re-power on to recover safety standards withstand voltage isolation resistance i/p-o/p:3.75kvac i/p-o/p:100m ohms / 500vdc / 25 / 70% rh 24 ~ 36v 36 ~ 58v 12 ~ 18v 16 ~ 24v file name:pld-25-spec 2011-07-28 1. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 2. direct connecting to leds is suggested, but is not suitable for using addi tional drivers. design refer to ul8750, tuv en61347-1, en61347-2-13 selv voltage range 90 ~ 295vac 127 ~ 417vdc no load output (max.) voltage 5.0% compliance to en55015, en61000-3-2 class c ; en61000-3-3, fcc part18 c lass a ( 75% load) compliance to en61000-4-2,3,4,5,6,8,11, en55024,en61547, li ght industry level, criteria a emc immunity emc emission universal ac input / full range (up to 295vac)built-in active pfc function constant current design protections: short circuit / over temperature cooling by free air convection fully isolated plastic case 100% full load burn-in test high reliability 3 years warranty suitable for dry / damp locations class power unit, no fg low cost current accuracy
mechanical specification file name:pld-25-spec 2011-07-28 case no.pcd16a unit:mm static characteristics input voltage (v) 50 / 60hz 100 90 80 70 60 50 40 load (%) derating curve ambient temperature ( ) load (%) -30 -25 -5 0 15 30 40 50 60 20 40 60 80 100 (horizontal) 50 fosc : 90khz(115vac) 120khz(230vac) detection pwm & pfc circuit o.l.p. emi filter rectifiers filter & rectifiers +v -v i/p control & o.c.p. power switching block diagram 90 100 125 135 145 155 165 175 180 200 230 295 29.5 1.9 57 15.3 15.3 2- 3.6 2- 8.9 84 ul1430 18awg v+(red) v-(black) 3 3 75 5 150 10 7.3 7.3 h03vvh2-f 18awg ac/n(blue) ac/l(brown) 35 t case 15 t case: max. case temperature. 25w single output led power supply p l d - 2 5 s e r i e s
46 50 54 58 62 66 70 74 78 82 86 90 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 277vac 230vac 115vac 0 .7 8 0 .8 0 0 .8 2 0 .8 4 0 .8 6 0 .8 8 0 .9 0 0 .9 2 0 .9 4 0 .9 6 0 .9 8 1 .0 0 5 0 % 6 0 % 7 0 % 8 0 % 9 0 % 1 0 0 % 2 7 7 v a c 2 3 0 v a c 1 1 5 v a c pld-25 series possess superior working efficiency that up to 86% can be rea ched in field applications. efficiency (%) load power factor characteristic efficiency vs load (pld-25-700) constant current mode pf load (25w) file name:pld-25-spec 2011-07-28 25w single output led power supply p l d - 2 5 s e r i e s
|